PART |
Description |
Maker |
87427-1843 87427-1043 87427-1842 87427-2042 |
874271843 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 4.20mm WtB RAHdr HT /OMntFlg 4Sn 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 4.2mm WtB VtHdr HT /OMntFlg 2.54Sn 18Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 874272042 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
87553-1011 |
2mm WtB Str Friendly Lck Hdr 1SnLF 10Ckt
|
MOLEX INC
|
87369-0300 89400-0520 87369-1300 87369-0900 89400- |
Header Connector,Cable Mnt,PLUG,3 Contacts,0.079 Pitch RoHS Compliant: Yes 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:5; Pitch Spacing:2mm; No. of Rows:5; Series:89400; Connector Body Material:Thermoplastic; Mounting Type:PC Board; Terminal Type:Straight Pin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm WtB Rcpt Hsg Nyl Nat 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 873690900 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2MM W/B STR HDR 894000920 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2MM W/B STR HDR 894001520 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm WtB Rcpt Hsg Nyl Nat 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2.00MM HDER W/B STRAIGHT 894000611 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
5120638-1 |
2mm Hard Metric PCB Mount Connectors ( Z-PACK 2mm HM ); 2MM HM HDR ASY,12 ROW 144 POS ( AMP )
|
Tyco Electronics
|
35572-0700 35572-1100 35572-0400 |
2.5 WTB LOCK HSG 7CKT 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 2.5 WTB LOCK HSG 11CKT 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 2.5 WTB LOCK HSG 4CKT 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR
|
Molex, Inc.
|
502382-XX70 502386-XX70 502381-0000 |
CLIK-Mate SMT WTB Connectors
|
Molex Electronics Ltd.
|
MAX8805Z MAX8805Y |
600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
|
http://
|
LT3590NBSP LT3590 LT3590EDC-PBF LT3590EDC-TRPBF LT |
48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
|
Linear Technology Corporation
|
MAX8896EREET |
Dual PWM Step-Down Converter in a 2mm x 2mm Package for WCDMA PA and RF Power
|
Maxim Integrated Products
|
MAX8805YEWEAAT MAX8805YEWEAET MAX8805Z MAX8805Y MA |
600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
|
Maxim Integrated Products
|
LT6660 |
Tiny Micropower Precision Series References in 2mm × 2mm DFN
|
Linear Technology Corporation
|
|